|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 LMR62421 simple switcher ? 24vout, 2.1a step-up voltage regulator in sot-23 check for samples: LMR62421 1 features description the LMR62421 is an easy-to-use, space-efficient 2 ? input voltage range of 2.7v to 5.5v 2.1a low-side switch regulator ideal for boost and ? output voltage up to 24v sepic dc-dc regulation. it provides all the active ? switch current up to 2.1a functions to provide local dc/dc conversion with fast- transient response and accurate regulation in the ? 1.6 mhz switching frequency smallest pcb area. switching frequency is internally ? low shutdown iq, 80 na set to 1.6 mhz, allowing the use of extremely small ? cycle-by-cycle current limiting surface mount inductor and chip capacitors while providing efficiencies near 90%. current-mode control ? internally compensated and internal compensation provide ease-of-use, ? internal soft-start minimal component count, and high-performance ? 5-pin sot-23 (2.92 x 2.84 x 1mm) and 6-pin regulation over a wide range of operating conditions. wson (3 x 3 x 0.8 mm) packaging external shutdown features an ultra-low standby current of 80 na ideal for portable applications. tiny ? fully enabled for webench ? power designer 5-pin sot-23 and 6-pin wson packages provide space-savings. additional features include internal performance benefits soft-start, circuitry to reduce inrush current, pulse-by- ? extremely easy to use pulse current limit, and thermal shutdown. ? tiny overall solution reduces system cost applications ? boost / sepic conversions from 3.3v, 5v rails ? space constrained applications ? embedded systems ? lcd displays ? led applications system performance efficiency vs load current efficiency vs load current v out = 20v v out = 12v 1 please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 all trademarks are the property of their respective owners. production data information is current as of publication date. copyright ? 2011 ? 2013, texas instruments incorporated products conform to specifications per the terms of the texas instruments standard warranty. production processing does not necessarily include testing of all parameters.
LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com typical application connection diagrams figure 1. 5-pin sot-23 (top view) figure 2. 6-pin wson (top view) see dbv package see ngg0006a package 2 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 1 2 3 6 5 4 agnd fb sw vin en pgnd 2 1 3 5 4 en gnd fb vin sw 4 2 5 3 1 c 1 c 2 v in l 1 d 1 r 2 r 1 c 3 gnd r 3 v out LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 pin descriptions - 5-pin sot-23 pin name function 1 sw switch node. connect to the inductor, output diode. 2 gnd signal and power ground pin. place the bottom resistor of the feedback network as close as possible to this pin. 3 fb feedback pin. connect fb to external resistor divider to set output voltage. 4 en shutdown control input. logic high enables operation. do not allow this pin to float or be greater than vin + 0.3v. 5 vin supply voltage for power stage, and input supply voltage. pin descriptions - 6-pin wson pin name function 1 pgnd power ground pin. place pgnd and output capacitor gnd close together. 2 vin supply voltage for power stage, and input supply voltage. 3 en shutdown control input. logic high enables operation. do not allow this pin to float or be greater than vin + 0.3v. 4 fb feedback pin. connect fb to external resistor divider to set output voltage. 5 agnd signal ground pin. place the bottom resistor of the feedback network as close as possible to this pin & pin 4. 6 sw switch node. connect to the inductor, output diode. dap gnd signal & power ground. connect to pin 1 & pin 5 on top layer. place 4-6 vias from dap to bottom layer gnd plane. copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 3 product folder links: LMR62421 LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com these devices have limited built-in esd protection. the leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the mos gates. absolute maximum ratings (1) (2) v in -0.5v to 7v sw voltage -0.5v to 26.5v fb voltage -0.5v to 3.0v en voltage -0.5v to vin + 0.3v esd susceptibility (3) 2kv junction temperature (4) 150 c storage temp. range -65 c to 150 c for soldering specifications: snoa549 (1) absolute maximum ratings indicate limits beyond which damage to the device may occur. operating ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. for specified specifications and the test conditions, see electrical characteristics. (2) if military/aerospace specified devices are required, please contact the texas instruments sales office/ distributors for availability and specifications. (3) the human body model is a 100 pf capacitor discharged through a 1.5 k ? resistor into each pin. (4) thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device. operating ratings (1) v in 2.7v to 5.5v v en (2) 0v to v in junction temperature range ? 40 c to +125 c (1) absolute maximum ratings indicate limits beyond which damage to the device may occur. operating ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. for specified specifications and the test conditions, see electrical characteristics. (2) do not allow this pin to float or be greater than v in +0.3v. 4 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 electrical characteristics (1) (2) limits in standard type are for t j = 25 c only; limits in boldface type apply over the junction temperature range of (t j = -40 c to 125 c). minimum and maximum limits are ensured through test, design, or statistical correlation. typical values represent the most likely parametric norm at t j = 25 c, and are provided for reference purposes only. v in = 5v unless otherwise indicated under the conditions column. symbol parameter conditions min typ max units ? 40 c to t j +125 c (sot-23) 1.230 1.255 1.280 0 c to t j +125 c (sot-23) 1.236 1.255 1.274 v fb feedback voltage v ? 40 c to t j +125 c (wson) 1.225 1.255 1.285 ? 0 c to t j +125 c (wson) 1.229 1.255 1.281 v fb /v in feedback voltage line regulation v in = 2.7v to 5.5v 0.06 %/v i fb feedback input bias current 0.1 1 a f sw switching frequency 1200 1600 2000 khz d max maximum duty cycle 88 96 % d min minimum duty cycle 5 % sot-23 170 330 r ds(on) switch on resistance m ? wson 190 350 i cl switch current limit 2.1 3 a ss soft start 4 ms quiescent current (switching) 7.0 11 ma i q quiescent current (shutdown) v en = 0v 80 na undervoltage lockout vin rising 2.3 2.65 v uvlo vin falling 1.7 1.9 shutdown threshold voltage see (3) 0.4 v en_th v enable threshold voltage see (3) 1.8 i -sw switch leakage v sw = 24v 1.0 a i -en enable pin current sink/source 100 na wson 80 junction to ambient ja c/w 0 lfpm air flow (4) sot-23 118 wson 18 jc junction to case c/w sot-23 60 t sd thermal shutdown temperature (5) 160 c thermal shutdown hysteresis 10 (1) min and max limits are 100% production tested at 25 c. limits over the operating temperature range are ensured through correlation using statistical quality control (sqc) methods. limits are used to calculate average outgoing quality level (aoql). (2) typical numbers are at 25 c and represent the most likely parametric norm. (3) do not allow this pin to float or be greater than v in +0.3v. (4) applies for packages soldered directly onto a 3 ? x 3 ? pc board with 2oz. copper on 4 layers in still air. (5) thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device. copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 5 product folder links: LMR62421 LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com typical performance characteristics current limit vs temperature fb pin voltage vs temperature figure 3. figure 4. oscillator frequency vs temperature typical maximum output current vs v in figure 5. figure 6. r dson vs temperature efficiency vs load current, vo = 20v figure 7. figure 8. 6 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 typical performance characteristics (continued) efficiency vs load current, vo = 12v output voltage load regulation figure 9. figure 10. output voltage line regulation figure 11. copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 7 product folder links: LMR62421 LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com simplified internal block diagram figure 12. simplified block diagram 8 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 cv 1.6 mhz s r r q + - + - + - - + en v in thermal shdn sw i limit nmos uvlo = 2.3v i sense-amp internal compensation soft-start corrective - ramp oscillator control logic v ref = 1.255v fb gnd LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 application information theory of operation the following operating description of the LMR62421 will refer to the simplified block diagram ( figure 12 ) the simplified schematic ( figure 13 ), and its associated waveforms ( figure 14 ). the LMR62421 supplies a regulated output voltage by switching the internal nmos control switch at constant frequency and variable duty cycle. a switching cycle begins at the falling edge of the reset pulse generated by the internal oscillator. when this pulse goes low, the output control logic turns on the internal nmos control switch. during this on-time, the sw pin voltage (v sw ) decreases to approximately gnd, and the inductor current (i l ) increases with a linear slope. i l is measured by the current sense amplifier, which generates an output proportional to the switch current. the sensed signal is summed with the regulator ? s corrective ramp and compared to the error amplifier ? s output, which is proportional to the difference between the feedback voltage and v ref . when the pwm comparator output goes high, the output switch turns off until the next switching cycle begins. during the switch off-time, inductor current discharges through diode d1, which forces the sw pin to swing to the output voltage plus the forward voltage (v d ) of the diode. the regulator loop adjusts the duty cycle (d) to maintain a constant output voltage . figure 13. simplified schematic copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 9 product folder links: LMR62421 + - + - + - control ( ) to v ( ) tc i ( ) tl i ( ) tl v 1 d 1 q ( ) tsw v 1 c 1 l in v LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com figure 14. typical waveforms current limit the LMR62421 uses cycle-by-cycle current limiting to protect the internal nmos switch. it is important to note that this current limit will not protect the output from excessive current during an output short circuit. the input supply is connected to the output by the series connection of an inductor and a diode. if a short circuit is placed on the output, excessive current can damage both the inductor and diode. design guide enable pin / shutdown mode the LMR62421 has a shutdown mode that is controlled by the enable pin (en). when a logic low voltage is applied to en, the part is in shutdown mode and its quiescent current drops to typically 80 na. switch leakage adds up to another 1 a from the input supply. the voltage at this pin should never exceed v in + 0.3v. thermal shutdown thermal shutdown limits total power dissipation by turning off the output switch when the ic junction temperature exceeds 160 c. after thermal shutdown occurs, the output switch doesn ? t turn on until the junction temperature drops to approximately 150 c. 10 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 t t d o v v + t t t v ' in v ( ) tsw v l i v in - v out - d v ( ) tl v ( ) tl i ( ) t diode i ( ) t capacitor i ( ) tout v s t s dt out - i ( ) - l i out - i LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 soft-start this function forces v out to increase at a controlled rate during start up. during soft-start, the error amplifier ? s reference voltage ramps to its nominal value of 1.255v in approximately 4.0ms. this forces the regulator output to ramp up in a more linear and controlled fashion, which helps reduce inrush current. inductor selection the duty cycle (d) can be approximated quickly using the ratio of output voltage (v o ) to input voltage (v in ): (1) therefore: (2) power losses due to the diode (d1) forward voltage drop, the voltage drop across the internal nmos switch, the voltage drop across the inductor resistance (r dcr ) and switching losses must be included to calculate a more accurate duty cycle (see calculating efficiency and junction temperature for a detailed explanation). a more accurate formula for calculating the conversion ratio is: where ? equals the efficiency of the LMR62421 application. (3) the inductor value determines the input ripple current. lower inductor values decrease the size of the inductor, but increase the input ripple current. an increase in the inductor value will decrease the input ripple current. figure 15. inductor current copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 11 product folder links: LMR62421 l t l i l i ' s t s dt ( ) tl i l v in v v out in - k = c d v out v in d = v out - in v out v - d1 1 1 = c d = v out v in ? 1 ? LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com (4) a good design practice is to design the inductor to produce 10% to 30% ripple of maximum load. from the previous equations, the inductor value is then obtained. where ? 1/t s = f sw = switching frequency (5) one must also ensure that the minimum current limit (2.1a) is not exceeded, so the peak current in the inductor must be calculated. the peak current (i lpk ) in the inductor is calculated by: il pk = i in + i l (6) or il pk = i out / d' + i l (7) when selecting an inductor, make sure that it is capable of supporting the peak input current without saturating. inductor saturation will result in a sudden reduction in inductance and prevent the regulator from operating correctly. because of the speed of the internal current limit, the peak current of the inductor need only be specified for the required maximum input current. for example, if the designed maximum input current is 1.5a and the peak current is 1.75a, then the inductor should be specified with a saturation current limit of > 1.75a. there is no need to specify the saturation or peak current of the inductor at the 3a typical switch current limit. because of the operating frequency of the LMR62421, ferrite based inductors are preferred to minimize core losses. this presents little restriction since the variety of ferrite-based inductors is huge. lastly, inductors with lower series resistance (dcr) will provide better operating efficiency. for recommended inductors see example circuits . input capacitor an input capacitor is necessary to ensure that v in does not drop excessively during switching transients. the primary specifications of the input capacitor are capacitance, voltage, rms current rating, and esl (equivalent series inductance). the recommended input capacitance is 10 f to 44 f depending on the application. the capacitor manufacturer specifically states the input voltage rating. make sure to check any recommended deratings and also verify if there is any significant change in capacitance at the operating input voltage and the operating temperature. the esl of an input capacitor is usually determined by the effective cross sectional area of the current path. at the operating frequencies of the LMR62421, certain capacitors may have an esl so large that the resulting impedance (2 fl) will be higher than that required to provide stable operation. as a result, surface mount capacitors are strongly recommended. multilayer ceramic capacitors (mlcc) are good choices for both input and output capacitors and have very low esl. for mlccs it is recommended to use x7r or x5r dielectrics. consult capacitor manufacturer datasheet to see how rated capacitance varies over operating conditions. 12 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 l = v in 2 x ' i l x dt s ? ? 1 ? ? 1 ? = 2l in v l a i x s dt ? = l v in ' i2 l dt s ? ? 1 LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 output capacitor the LMR62421 operates at frequencies allowing the use of ceramic output capacitors without compromising transient response. ceramic capacitors allow higher inductor ripple without significantly increasing output ripple. the output capacitor is selected based upon the desired output ripple and transient response. the initial current of a load transient is provided mainly by the output capacitor. the output impedance will therefore determine the maximum voltage perturbation. the output ripple of the converter is a function of the capacitor ? s reactance and its equivalent series resistance (esr): (8) when using mlccs, the esr is typically so low that the capacitive ripple may dominate. when this occurs, the output ripple will be approximately sinusoidal and 90 phase shifted from the switching action . given the availability and quality of mlccs and the expected output voltage of designs using the LMR62421, there is really no need to review any other capacitor technologies. another benefit of ceramic capacitors is their ability to bypass high frequency noise. a certain amount of switching edge noise will couple through parasitic capacitances in the inductor to the output. a ceramic capacitor will bypass this noise while a tantalum will not. since the output capacitor is one of the two external components that control the stability of the regulator control loop, most applications will require a minimum at 4.7 f of output capacitance. like the input capacitor, recommended multilayer ceramic capacitors are x7r or x5r. again, verify actual capacitance at the desired operating voltage and temperature. setting the output voltage the output voltage is set using the following equation where r1 is connected between the fb pin and gnd, and r2 is connected between v out and the fb pin. figure 16. setting vout a good value for r1 is 10k ? . (9) copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 13 product folder links: LMR62421 ref v ? out v = 2 r 1 ? ? 1 - x 1 r load r o v 3 c 2 r 1 r fb v ? + x = esr l out r a i a v x x x out load sw c r f2 x out d v 1 ? ? LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com compensation the LMR62421 uses constant frequency peak current mode control. this mode of control allows for a simple external compensation scheme that can be optimized for each application. a complicated mathematical analysis can be completed to fully explain the LMR62421 ? s internal & external compensation, but for simplicity, a graphical approach with simple equations will be used. below is a gain & phase plot of a LMR62421 that produces a 12v output from a 5v input voltage. the bode plot shows the total loop gain & phase without external compensation. figure 17. LMR62421 without external compensation one can see that the crossover frequency is fine, but the phase margin at 0db is very low (22 ). a zero can be placed just above the crossover frequency so that the phase margin will be bumped up to a minimum of 45 . below is the same application with a zero added at 8 khz. figure 18. LMR62421 with external compensation 14 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 10 100 1k 10k 100k 1m frequency -80 -60 -40 -20 0 20 40 60 80 db -180 -90 0 90 180 rhp-zero ext (cf) gm-pole rc-pole vi = 5v vo = 12v io = 500 ma co = 10 mf lo = 5 mh ext (cf)-pole gm-zero -zero d = 0.625 cf = 220 pf fz-cf = 8 khz rhp-zero = 107 khz fp-rc = 660 hz fp-cf = 77 khz 10 100 1k 10k 100k 1m frequency -80 -60 -40 -20 0 20 40 60 80 db -180 -90 0 90 180 rhp-zero gm-zero gm-pole rc-pole vi = 5v vo = 12v io = 500 ma co = 10 p f lo = 5 p h LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 the simplest method to determine the compensation component value is as follows. set the output voltage with the following equation. where ? r1 is the bottom resistor and ? r2 is the resistor tied to the output voltage. (10) the next step is to calculate the value of c3. the internal compensation has been designed so that when a zero is added between 5 khz & 10 khz the converter will have good transient response with plenty of phase margin for all input & output voltage combinations. (11) lower output voltages will have the zero set closer to 10 khz, and higher output voltages will usually have the zero set closer to 5 khz. it is always recommended to obtain a gain/phase plot for your actual application. one could refer to the typical appplication section to obtain examples of working applications and the associated component values. pole @ origin due to internal gm amplifier: f p-origin (12) pole due to output load and capacitor: (13) this equation only determines the frequency of the pole for perfect current mode control (cmc). therefore, it doesn ? t take into account the additional internal artificial ramp that is added to the current signal for stability reasons. by adding artificial ramp, you begin to move away from cmc to voltage mode control (vmc). the artifact is that the pole due to the output load and output capacitor will actually be slightly higher in frequency than calculated. in this example it is calculated at 650 hz, but in reality it is around 1 khz. the zero created with capacitor c3 & resistor r2: figure 19. setting external pole-zero copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 15 product folder links: LMR62421 ref v ? out v = 2 r 1 ? ? 1 - x 1 r load r o v 3 c 2 r 1 r fb v = 1 (r load c out ) 2 s f rcp- 10 khz 5 khz o = = 1 ( ) r 2 x c f 2 s f cf zero - LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com (14) there is an associated pole with the zero that was created in the above equation. (15) it is always higher in frequency than the zero. a right-half plane zero (rhpz) is inherent to all boost converters. one must remember that the gain associated with a right-half plane zero increases at 20db per decade, but the phase decreases by 45 per decade. for most applications there is little concern with the rhpz due to the fact that the frequency at which it shows up is well beyond crossover, and has little to no effect on loop stability. one must be concerned with this condition for large inductor values and high output currents. (16) there are miscellaneous poles and zeros associated with parasitics internal to the LMR62421, external components, and the pcb. they are located well over the crossover frequency, and for simplicity are not discussed. pcb layout considerations when planning layout there are a few things to consider when trying to achieve a clean, regulated output. the most important consideration when completing a boost converter layout is the close coupling of the gnd connections of the c out capacitor and the LMR62421 pgnd pin. the gnd ends should be close to one another and be connected to the gnd plane with at least two through-holes. there should be a continuous ground plane on the bottom layer of a two-layer board. the fb pin is a high impedance node and care should be taken to make the fb trace short to avoid noise pickup and inaccurate regulation. the feedback resistors should be placed as close as possible to the ic, with the agnd of r1 placed as close as possible to the gnd (pin 5 for the wson) of the ic. the v out trace to r2 should be routed away from the inductor and any other traces that are switching. high ac currents flow through the v in , sw and v out traces, so they should be as short and wide as possible. however, making the traces wide increases radiated noise, so the designer must make this trade-off. radiated noise can be decreased by choosing a shielded inductor. the remaining components should also be placed as close as possible to the ic. please see application note an-1229 snva054 for further considerations and the LMR62421 demo board as an example of a good layout. sepic converter the LMR62421 can easily be converted into a sepic converter. a sepic converter has the ability to regulate an output voltage that is either larger or smaller in magnitude than the input voltage. other converters have this ability as well (cuk and buck-boost), but usually create an output voltage that is opposite in polarity to the input voltage. this topology is a perfect fit for lithium ion battery applications where the input voltage for a single cell li-ion battery will vary between 3v & 4.5v and the output voltage is somewhere in between. most of the analysis of the LMR62421 boost converter is applicable to the LMR62421 sepic converter. sepic design guide: sepic conversion ratio without loss elements: (17) therefore: (18) 16 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 d = o v o v + in v v o v in = d' d = ( ) r load 2 d ' lx2 s rhp zero 1 = f cf pole - 2 s ((r 1 r 2 ) x c 3 ) = 1 ( ) r 2 x c 3 2 s f cf zero - LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 small ripple approximation: in a well-designed sepic converter, the output voltage, and input voltage ripple, the inductor ripple and is small in comparison to the dc magnitude. therefore it is a safe approximation to assume a dc value for these components. the main objective of the steady state analysis is to determine the steady state duty-cycle, voltage and current stresses on all components, and proper values for all components. in a steady-state converter, the net volt-seconds across an inductor after one cycle will equal zero. also, the charge into a capacitor will equal the charge out of a capacitor in one cycle. therefore: (19) substituting i l1 into i l2 (20) the average inductor current of l2 is the average output load. figure 20. inductor volt-sec balance waveform applying charge balance on c1: (21) since there are no dc voltages across either inductor, and capacitor c6 is connected to vin through l1 at one end, or to ground through l2 on the other end, we can say that v c1 = v in (22) therefore: (23) this verifies the original conversion ratio equation. it is important to remember that the internal switch current is equal to i l1 and i l2 . during the d interval. design the converter so that the minimum ensured peak switch current limit (2.1a) is not exceeded. copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 17 product folder links: LMR62421 d d ' = ( ) v o v in d d v ' c1 = ( ) v o 2 area 1 area s t s dt ( ) tl v (s) t i r v o l2 = x = r ? 1 v o ? ? d d ' ? 1 i l1 = and l2 i x l1 i d ? 1 ? ' d LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com figure 21. sepic converter schematic steady state analysis with loss elements 18 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 + + - - sw i i )t( 1l 1l r v l1 ( ) t in v 2l r i )t( 2l i )t( 1d + - v c1 ( ) t v d1 ( ) t v l2 ( ) t on r i )t( 2c + - v c2 ( ) t + - v o ( ) t i )t( 1c v o v in l 1 d 1 c 1 c 2 r 2 r 1 c 3 r 3 c 5 c 4 l 2 c 6 1 2 3 6 5 4 LMR62421 LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 using inductor volt-second balance & capacitor charge balance, the following equations are derived: (24) (25) therefore: (26) one can see that all variables are known except for the duty cycle (d). a quadratic equation is needed to solve for d. a less accurate method of determining the duty cycle is to assume efficiency, and calculate the duty cycle. (27) (28) table 1. efficiencies for typical sepic application vin 2.7v vin 3.3v vin 5v 5v vo 3.1v vo 3.1v vo 3.1v lin 770 ma lin 600ma lin 375 ma lo 500 ma lo 500ma lo 500 ma 75% 80% 83% copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 19 product folder links: LMR62421 v o = d ? 1 ? (v in x k ) + v o v o v in = 1 - d d x k ? 1 ? 1 + + ? 1 ? r r l1 ? ? 1 ? d 2 d 2 ' ? r r on ? 1 ? ? 1 ? d d 2 ' 1+ + ? ? 1 r r l2 v d v o ? ? ? ? ? ? ? ? 1 k = 1 + + ? 1 ? r r l1 ? ? 1 ? d 2 d 2 ' ? r r on ? 1 ? ? 1 ? d d 2 ' 1+ + ? ? 1 r r l2 v d v o ? ? ? 1 ? d = v o v in d ' ? ? ? ? ? ? ? 1 x = i l1 and d ? 1 ? ' d r ? 1 v o ? = l2 i r ? 1 v o ? LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com sepic converter pcb layout the layout guidelines described for the LMR62421 boost-converter are applicable to the sepic converter. below is a proper pcb layout for a sepic converter. figure 22. sepic pcb layout wson package the LMR62421 packaged in the 6 ? pin wson: figure 23. internal wson connection 20 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 4 fb v in en p gnd a gnd sw 5 6 3 2 1 v in v o pcb p gnd c out c in l 1 d 1 c in l 2 c 6 LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 for certain high power applications, the pcb land may be modified to a "dog bone" shape (see figure 24 ). increasing the size of ground plane, and adding thermal vias can reduce the r ja for the application. figure 24. pcb dog bone layout LMR62421 design example 1 figure 25. vin = 3v - 5v, vout = 12v @ 500 ma copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 21 product folder links: LMR62421 gnd fb vin sw en 1 c 12v 32 1 45 3 r 1 l 1 d 2 c 2 r 1 r load r 3 c v in 1 m : 10 p f 10v 6.8 p h 2.9a 2a 20v 86.6k 220 pf 25v 10.2k 10 p f 25v fb sw vin en agnd pgnd 3 copper 1 2 copper 6 5 4 LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com LMR62421 design example 2 figure 26. vin = 3v, vout = 5v @ 500 ma LMR62421 design example 3 figure 27. vin = 3.3v, vout = 20v @ 100 ma 22 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 gnd fb vin sw 1 c 20v 32 1 45 3 r 1 l 1 d 2 c 2 r 1 r load r 3 c v in shdn 1 m : 22 p f 6.3v 10 p h 1.2a 500 ma 30v 470 pf 50v 10k 4.7 p f 50v 150k gnd fb vin sw 1 c 5v 32 1 45 3 r 1 l 1 d 2 c 2 r 1 r load r 3 c v in shdn 1 m : 10 p f 6.3v 10 p h 1.2a 1a 20v 1 nf 30.1k 10 p f 10v 10k LMR62421 www.ti.com snvs734b ? october 2011 ? revised april 2013 LMR62421 sepic design example 4 figure 28. vin = 2.7v - 5v, vout = 3.3v @ 500ma copyright ? 2011 ? 2013, texas instruments incorporated submit documentation feedback 23 product folder links: LMR62421 v o v in l 1 d 1 c 1 c 2 r 2 r 1 c 3 r 3 c 5 c 4 l 2 c 6 1 2 3 6 5 4 LMR62421 10 p f 10v 6.8 p h 1.2a 1a 20v 2.2 nf 16.5k 2.2 p f 16v 10.2k 6.8 p h 1.2a 100k 22 p f 10v (opt) (opt) LMR62421 snvs734b ? october 2011 ? revised april 2013 www.ti.com revision history changes from revision a (april 2013) to revision b page ? changed layout of national data sheet to ti format .......................................................................................................... 23 24 submit documentation feedback copyright ? 2011 ? 2013, texas instruments incorporated product folder links: LMR62421 package option addendum www.ti.com 11-apr-2013 addendum-page 1 packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) op temp (c) top-side markings (4) samples LMR62421xmf/nopb active sot-23 dbv 5 1000 green (rohs & no sb/br) cu sn level-1-260c-unlim -40 to 125 sh8b LMR62421xmfe/nopb active sot-23 dbv 5 250 green (rohs & no sb/br) cu sn level-1-260c-unlim -40 to 125 sh8b LMR62421xmfx/nopb active sot-23 dbv 5 3000 green (rohs & no sb/br) cu sn level-1-260c-unlim -40 to 125 sh8b LMR62421xsd/nopb active wson ngg 6 1000 green (rohs & no sb/br) cu sn level-1-260c-unlim -40 to 125 l270b LMR62421xsde/nopb active wson ngg 6 250 green (rohs & no sb/br) cu sn level-1-260c-unlim -40 to 125 l270b LMR62421xsdx/nopb active wson ngg 6 4500 green (rohs & no sb/br) cu sn level-1-260c-unlim -40 to 125 l270b (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. (4) multiple top-side markings will be inside parentheses. only one top-side marking contained in parentheses and separated by a "~" will appear on a device. if a line is indented then it is a continuation of the previous line and the two combined represent the entire top-side marking for that device. package option addendum www.ti.com 11-apr-2013 addendum-page 2 important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. tape and reel information *all dimensions are nominal device package type package drawing pins spq reel diameter (mm) reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant LMR62421xmf/nopb sot-23 dbv 5 1000 178.0 8.4 3.2 3.2 1.4 4.0 8.0 q3 LMR62421xmfe/nopb sot-23 dbv 5 250 178.0 8.4 3.2 3.2 1.4 4.0 8.0 q3 LMR62421xmfx/nopb sot-23 dbv 5 3000 178.0 8.4 3.2 3.2 1.4 4.0 8.0 q3 LMR62421xsd/nopb wson ngg 6 1000 178.0 12.4 3.3 3.3 1.0 8.0 12.0 q1 LMR62421xsde/nopb wson ngg 6 250 178.0 12.4 3.3 3.3 1.0 8.0 12.0 q1 LMR62421xsdx/nopb wson ngg 6 4500 330.0 12.4 3.3 3.3 1.0 8.0 12.0 q1 package materials information www.ti.com 8-apr-2013 pack materials-page 1 *all dimensions are nominal device package type package drawing pins spq length (mm) width (mm) height (mm) LMR62421xmf/nopb sot-23 dbv 5 1000 210.0 185.0 35.0 LMR62421xmfe/nopb sot-23 dbv 5 250 210.0 185.0 35.0 LMR62421xmfx/nopb sot-23 dbv 5 3000 210.0 185.0 35.0 LMR62421xsd/nopb wson ngg 6 1000 210.0 185.0 35.0 LMR62421xsde/nopb wson ngg 6 250 210.0 185.0 35.0 LMR62421xsdx/nopb wson ngg 6 4500 367.0 367.0 35.0 package materials information www.ti.com 8-apr-2013 pack materials-page 2 mechanical da t a ngg0006a www .ti.com s d e 0 6 a ( r e v a ) important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, enhancements, improvements and other changes to its semiconductor products and services per jesd46, latest issue, and to discontinue any product or service per jesd48, latest issue. buyers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all semiconductor products (also referred to herein as ? components ? ) are sold subject to ti ? s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its components to the specifications applicable at the time of sale, in accordance with the warranty in ti ? s terms and conditions of sale of semiconductor products. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by applicable law, testing of all parameters of each component is not necessarily performed. ti assumes no liability for applications assistance or the design of buyers ? products. buyers are responsible for their products and applications using ti components. to minimize the risks associated with buyers ? products and applications, buyers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, machine, or process in which ti components or services are used. information published by ti regarding third-party products or services does not constitute a license to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of significant portions of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti components or services with statements different from or beyond the parameters stated by ti for that component or service voids all express and any implied warranties for the associated ti component or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. buyer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related requirements concerning its products, and any use of ti components in its applications, notwithstanding any applications-related information or support that may be provided by ti. buyer represents and agrees that it has all the necessary expertise to create and implement safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences, lessen the likelihood of failures that might cause harm and take appropriate remedial actions. buyer will fully indemnify ti and its representatives against any damages arising out of the use of any ti components in safety-critical applications. in some cases, ti components may be promoted specifically to facilitate safety-related applications. with such components, ti ? s goal is to help enable customers to design and create their own end-product solutions that meet applicable functional safety standards and requirements. nonetheless, such components are subject to these terms. no ti components are authorized for use in fda class iii (or similar life-critical medical equipment) unless authorized officers of the parties have executed a special agreement specifically governing such use. only those ti components which ti has specifically designated as military grade or ? enhanced plastic ? are designed and intended for use in military/aerospace applications or environments. buyer acknowledges and agrees that any military or aerospace use of ti components which have not been so designated is solely at the buyer ' s risk, and that buyer is solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti has specifically designated certain components as meeting iso/ts16949 requirements, mainly for automotive use. in any case of use of non-designated products, ti will not be responsible for any failure to meet iso/ts16949. products applications audio www.ti.com/audio automotive and transportation www.ti.com/automotive amplifiers amplifier.ti.com communications and telecom www.ti.com/communications data converters dataconverter.ti.com computers and peripherals www.ti.com/computers dlp ? products www.dlp.com consumer electronics www.ti.com/consumer-apps dsp dsp.ti.com energy and lighting www.ti.com/energy clocks and timers www.ti.com/clocks industrial www.ti.com/industrial interface interface.ti.com medical www.ti.com/medical logic logic.ti.com security www.ti.com/security power mgmt power.ti.com space, avionics and defense www.ti.com/space-avionics-defense microcontrollers microcontroller.ti.com video and imaging www.ti.com/video rfid www.ti-rfid.com omap applications processors www.ti.com/omap ti e2e community e2e.ti.com wireless connectivity www.ti.com/wirelessconnectivity mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2015, texas instruments incorporated |
Price & Availability of LMR62421 |